Part Number Hot Search : 
3LN01 74111 BGF106 UDA133 AOK40N30 BA6377K NTE5600 R05SDH05
Product Description
Full Text Search
 

To Download QTE-060-02-L-D-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (0,80mm) .0315" qte series qte?060?01?l?d?a qte?014?01?l?d?a?rt1 qte?014?01?f?d?dp?a polarized integral metal plane for power or ground standard stack heights from 5mm to 25mm www.samtec.com for complete speci cations and recommended pcb layouts see www.samtec.com?qte insulator material: liquid crystal polymer terminal material: phosphor bronze plating: au or sn over 50? (1,27?) ni current rating: contacts: 1.3a @ 95? ground plane: 10.1a @ 95? operating temp range: -55? to +125? voltage rating: 225 vac mated with qse & 5mm stack height max cycles: 100 unmating force (-rt1 option): -rt1 option increases unmating force up to 50% rohs compliant: ye s processing: lead?free solderable: ye s smt lead coplanarity: (0,10mm) .004" max (020-060) (0,15mm) .006" max (080) board stacking: for applications requiring more than two connectors per board or 4 banks or more, contact ipg@samtec.com (5,97) .235 (0,76) .030 (0,89) .035 dia (20,00) .7875 ? = (no. of positions per row/20) x (20,00) .7875 ??p = (no. of positions per row/14) x (20,00) .7875 (0,20) .008 (0,80) .0315 01 02 (7,11) .280 a (3,30) .130 (1,57) .062 (1,57) .062 dia (0,64) .025 ?rt1 ??l board mates: qse cable mates: eqcd, eqsd, eqdp, eqrf (see application speci c note) ?14mm, 15mm, 22mm and 30mm stack height (caution: some automatic placement/inspection machines may have component height restrictions. please consult machinery speci cations.) ?30? (0,76?) gold (specify -h plating for data rate cable mating applications.) ?edge mount ?100 positions per row ?guide posts, screw down & friction lock call samtec. application specific option f-211 *note: ? plating passes 10 year mfg testing note: some lengths, styles and options are non-standard, non-returnable. board spacing standoffs. see so series. also available qte pins per row no. of pairs plating option ?020, ?040, ?060, ?080 (40 total pins per bank = ?d) ?014, ?028, ?042, ?056 (14 pairs per bank = ?d?dp) ?f = gold flash on signal pins and ground plane, matte tin on tails ?l = 10" (0,25m) gold on signal pins and ground plane, matte tin on tails ?c* = electro-polished selective 50" (1,27m) min au over 150" (3,81m) ni on signal pins in contact area, 10" (0,25m) min au over 50" (1,27m) ni on ground plane in contact area, matte tin over 50" (1,27m) min ni on all solder tails ?d = single-ended ?d?dp = differential pair (?01 only) lead style type a other option ?k = (7,00mm) .275" dia polyimide film pick & place pad ?tr = tape & reel packaging (n/a on 56 & 80 positions) ?rt1 = retention option (-01 lead style only) (n/a on 56 & 80 positions or ?l (latch) option) ?l = latching option (n/a on 42, 56, 60 & 80 positions or ?rt1 option) specify lead style from chart specifications xaui pci express ? sata mgt (rocket i/o) infiniband download app notes at www.samtec.com/appnote contact sig @ samtec.com for questions on protocols protocols supported ? high speed ground plane header f i n a l i n c h . c o m ? extended life product 10 year mixed flowing gas with 50" gold tm call samtec for maximum cycles mated with qse 5mm stack height type rated @ 3db insertion loss single-ended signaling ?d 9 ghz / 18 gbps differential pair signaling ?d 8 ghz / 16 gbps differential pair signaling ?dp 8.5 ghz / 17 gbps performance data for other stack heights and complete test data available at www.samtec.com?qte or contact sig@samtec.com ?e.l.p. tm plating option (?) ?retention pin option qte lead style a height with qse* ?01 (4,27) .168 (5,00) .197 ?02 (7,26) .286 (8,00) .315 ?03 (10,27) .404 (11,00) .433 ?04 (15,25) .600 (16,00) .630 ?05 (18,26) .718 (19,00) .748 ?07 (24,24) .954 (25,00) .984 *processing conditions will affect mated height.


▲Up To Search▲   

 
Price & Availability of QTE-060-02-L-D-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X